PART |
Description |
Maker |
TC3405 TC3405VPE TC3405VQR |
The TC3405 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It performs 16-bit conversions (15-bit plus sign) at up to eight per second.Thedeviceis optimizedforuseas microcontroller pe 16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
|
MICROCHIP[Microchip Technology]
|
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962R0250401HXC |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC至DC转换
|
Vishay Intertechnology, Inc.
|
QL2009 QL2009-0PB256C QL2009-0PB256I QL2009-0PF144 |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASIC? 2 FPGA Combining Speed Density Low Cost and Flexibility 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC? 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed/ Density/ Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) PT 6C 6#20 PIN RECP PT 8C 8#20 PIN RECP 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V.0V帕希奇? 2 FPGA的结合速度,密度,低成本和灵活
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. QuickLogic Corp.
|
MAX698-MAX699 MAX699 MAX699CPA MAX699CWE MAX699EPA |
4-Wide AND-OR-invert Gates 14-CDIP -55 to 125 Low Cost Power-On Reset and Watchdog Controllers Low-Cost Power On Reset IC
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX5202ACUB MAX5203ACUB MAX5200ACUB MAX5201ACUB MA |
Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in MAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX SERIAL INPUT LOADING, 25 us SETTLING TIME, 16-BIT DAC, PDSO10 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in ??AX
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD1893JST AD1893 AD1893JN AD1893JSTZ |
Low Cost SamplePort 16-Bit ASRC Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
|
AD[Analog Devices]
|
MAX4401 MAX4402 MAX4400 MAX4403 |
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown "?Dual low-cost, low-voltage, Rail to Rail op-amp" "Single low-cost, low-voltage, Rail to Rail op-amp with Shutdown"
|
MAXIM - Dallas Semiconductor
|
LT1097 LT1097CN8 LT1097S8 1097FAS |
Low Cost/ Low Power Precision Op Amp From old datasheet system Low Cost, Low Power Precision Op Amp
|
LINER[Linear Technology]
|
MAX8545EUB MAX8548 MAX8548EUB MAX8545 MAX8546 MAX8 |
Low-Cost Wide Input Range Step-Down Controllers with Foldback Current Limit Low-Cost / Wide Input Range / Step-Down Controllers with Foldback Current Limit Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit Low-Cost. Wide Input Range. Step-Down Controllers with Foldback Current Limit Dual J-K Negative-Edge-Triggered Flip-Flops With Clear And Preset 16-CFP -55 to 125 SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
QL2003 QL2003_DS QL2003-0PF100C QL2003-0PF100I QL2 |
3.3V and 5.0V pASIC2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASICò 2 FPGA From old datasheet system 3.3V AND 5.0V PASIC-R 2 FPGA COMBINING SPEED, DENSITY, LOW COST AND FLEXIBILITY 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) FPGA, 192 CLBS, 5000 GATES, 200 MHz, PQCC84
|
List of Unclassifed Manufacturers ETC QuickLogic Corp.
|
AD73311ARS AD73311ARZ AD73311LARUZ-RL7 |
Low Cost/ Low Power CMOS General Purpose Analog Front End Single-Channel, 3 V and 5 V Front-End Processor for General Purpose Applications Including Speech and Telephony; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO20 Low Cost, Low Power CMOS General Purpose Analog Front End
|
Analog Devices, Inc.
|